Part Number Hot Search : 
SEL4029 SD965 CPC30AC PJ3844B 1N6300 T010E2 T2301 LRB06451
Product Description
Full Text Search
 

To Download CZ5333B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZ5333B THRU CZ5388B 5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CZ5333B Series Silicon Zener Diode is a high quality voltage regulator designed for use in industrial, commercial, entertainment and computer applications. MARKING CODE: FULL PART NUMBER
SYMBOL PD TJ, Tstg 5.0 -65 to +200 UNITS W C
DO-201 CASE
MAXIMUM RATINGS: (TA=25C ) Power Dissipation Operating and Storage Temperature
ELECTRICAL CHARACTERISTICS: (TA=25C) VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
ZENER VOLTAGE VZ @ IZT MIN V
CZ5333B CZ5334B CZ5335B CZ5336B CZ5337B CZ5338B CZ5339B CZ5340B CZ5341B CZ5342B CZ5343B CZ5344B CZ5345B CZ5346B CZ5347B CZ5348B CZ5349B CZ5350B CZ5351B CZ5352B CZ5353B CZ5354B CZ5355B CZ5356B CZ5357B CZ5358B CZ5359B CZ5360B 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.700 5.890 6.460 7.125 7.790 8.265 8.645 9.500 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75
TEST CURRENT
MAXIMUM ZENER IMPEDANCE ZZT@IZT
3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 1.0 1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0
TYPE
NOM V
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25
MAX V
3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.300 6.510 7.140 7.875 8.610 9.135 9.555 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25
IZT mA
380 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50
ZZT @ IZK mA
400 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM REVERSE CURRENT IR @ VR A
300 150 50 10 10 10 10 10 10 100 100 100 100 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5
MAX SURGE CURRENT (NOTE 1)
MAX MAX VOLTAGE REGULATOR REGULATION CURRENT (NOTE 2)
ir A
20 18.7 17.6 16.4 15.3 14.4 13.4 12.7 12.4 11.5 10.7 10.0 7.5 9.2 8.6 8.0 7.5 7.0 6.7 6.3 6.0 5.8 5.5 5.3 5.1 4.7 4.4 4.3
VZ V
0.85 0.80 0.54 0.49 0.44 0.39 0.25 0.25 0.25 0.25 0.25 0.20 0.20 0.22 0.22 0.25 0.25 0.25 0.25 0.25 0.30 0.35 0.40 0.40 0.40 0.45 0.55 0.55
IZM mA
1440 1320 1220 1100 1010 930 865 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 264 250 237 216 198 190
V
1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.0 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19.0
R5 (6-December 2005)
CZ5333B THRU CZ5388B
Central
TYPE MIN V
CZ5361B CZ5362B CZ5363B CZ5364B CZ5365B CZ5366B CZ5367B CZ5368B CZ5369B CZ5370B CZ5371B CZ5372B CZ5373B CZ5374B CZ5375B CZ5376B CZ5377B CZ5378B CZ5379B CZ5380B CZ5381B CZ5382B CZ5383B CZ5384B CZ5385B CZ5386B CZ5387B CZ5388B 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45 95.00 104.5 114.0 123.5 133.0 142.5 152.0 161.5 171.0 180.5 190.0
TM
Semiconductor Corp.
TEST CURRENT
5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
ELECTRICAL CHARACTERISTICS: (TA=25C) VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
ZENER VOLTAGE VZ @ IZT NOM V
27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
MAXIMUM ZENER IMPEDANCE ZZT@ IZT
5.0 6.0 8.0 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480
MAXIMUM REVERSE CURRENT IR @ VR A
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
MAX MAX MAX SURGE VOLTAGE REGULATOR CURRENT REGULATION CURRENT (NOTE 1) (NOTE 2)
MAX V
28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 105.0 115.5 126.0 136.5 147.0 157.5 168.0 178.5 189.0 199.5 210.0
IZT mA
50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0
ZZT @ IZK
120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
ir A
4.1 3.9 3.7 3.5 3.3 3.1 2.8 2.7 2.5 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9
VZ V
0.60 0.60 0.60 0.65 0.65 0.65 0.70 0.80 0.90 1.00 1.20 1.35 1.50 1.60 1.80 2.00 2.20 2.50 2.50 2.50 2.50 2.50 3.00 3.00 3.00 4.00 5.00 5.00
IZM mA
176 170 158 144 132 122 110 100 93.0 86.0 79.0 76.0 70.0 63.0 58.0 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6
mA
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
V
20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56.0 62.2 66.0 69.2 76.0 83.6 91.2 98.8 106 114 122 129 137 144 152
Note 1. Surge Current (ir) - Maximum allowable peak, non recurrent square wave current (PW=8.3ms). Note 2. Voltage Regulation (VZ) - VZ Measurements are made at 10% and then at 50% of the IZ max value listed in the electrical characteristics table. The test current time duration for each VZ measurement is 380us (TA=25oC)
DO-201 CASE - MECHANICAL OUTLINE
R5 (6-December 2005)


▲Up To Search▲   

 
Price & Availability of CZ5333B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X